PART |
Description |
Maker |
SPP77N06S2-12 SPB77N06S2-12 |
OptiMOS Power-Transistor Low Voltage MOSFETs - TO220/263; 77 A; 55V; NL; 12 mOhm
|
Infineon Technologies A... Infineon Technologies AG
|
SPP80N06S2-08 SPB80N06S2-08 SPI80N06S2-08 |
Low Voltage MOSFETs - TO220/263/262; 80 A; 55V; NL; 8 mOhm OptiMOS Power-Transistor
|
INFINEON[Infineon Technologies AG]
|
SPB100N04S2-04 SPP100N04S2-04 |
Low Voltage MOSFETs - TO220/263; 100A; 40V; NL;3.6mohm OptiMOS Power-Transistor
|
INFINEON[Infineon Technologies AG]
|
SPB100N06S2-05 SPP100N06S2-05 |
Low Voltage MOSFETs - TO220/263; 100 A; 55V; NL; 5 mOhm OptiMOS Power-Transistor
|
INFINEON[Infineon Technologies AG]
|
IPB04N03LA IPP04N03LA IPI04N03LA |
OptiMOS 2 Power-Transistor Low Voltage MOSFETs - OptiMOS? Power MOSFET, 25V, TO220, RDSon = 4.2mOhm, 80A, LL OptiMOS®2 - Power packages
|
Infineon Technologies A... INFINEON[Infineon Technologies AG]
|
SPB100N06S2L-05 SPP100N06S2L-05 |
Low Voltage MOSFETs - TO220/263; 100 A; 55V; LL; 4,7 mOhm OptiMOS Power-Transistor Silver Mica Capacitor; Capacitance:15pF; Capacitance Tolerance: /- 5%; Series:CD6; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:4.4mm; Leaded Process Compatible:No RoHS Compliant: No
|
INFINEON[Infineon Technologies AG]
|
2N5337A-220M |
SILICON NPN EPITAXIAL BASE IN TO220 METAL PACKAGE NPN Epitaxial Base Transistor(TO220 Metal PackageNPN外延晶体管(TO220 金属封装,高可靠性)) DIODE SCHOTTKY SINGLE 25V 150mW 0.32V-vf 200mA-IFM 1mA-IF 2uA-IR SOT-523 3K/REEL
|
SEME-LAB[Seme LAB] TT electronics Semelab Limited
|
IXFH14N100Q2 |
Discrete MOSFETs: HiPerFET Power MOSFETS N-Channel Enhancement Mode Avalanche Rated, Low Qg Low Rg, High dv/dt, Low trr
|
IXYS[IXYS Corporation]
|
SPB100N03S2-03 SPP100N03S2-03 SPI100N03S2-03 |
OptiMOS Power-Transistor 的OptiMOS功率晶体 Low Voltage MOSFETs - OptiMOS Power MOSFET, 30V, TO-220, RDSon = 3.3mOhm, 100A, NL Low Voltage MOSFETs - OptiMOS Power MOSFET, 30V, D2PAK, RDSon = 3.0mOhm, 100A, NL
|
INFINEON[Infineon Technologies AG]
|
SPB73N03S2L-08 SPI73N03S2L-08 SPP73N03S2L-08 |
Low Voltage MOSFETs - OptiMOS Power MOSFET, 30V, TO-220, RDSon = 8.4mOhm, 73A, LL Low Voltage MOSFETs - OptiMOS Power MOSFET, 30V, D2PAK, RDSon = 8.1mOhm, 73A, LL OptiMOS Power-Transistor
|
INFINEON[Infineon Technologies AG]
|
SPP80N03S2L-04 SPB80N03S2L-04 SPI80N03S2L-04 |
Low Voltage MOSFETs - OptiMOS Power MOSFET, 30V, TO-220, RDSon = 3.1mOhm, 80A, LL 80 A; 30V; LL; 4.2 mOhm Low Voltage MOSFETs - OptiMOS Power MOSFET, 30V, D2PAK, RDSon = 3.9mOhm, 80A, LL OptiMOS Power-Transistor
|
INFINEON[Infineon Technologies AG]
|
IXFN38N100Q2 |
N-Channel Enhancement Mode Avalanche Rated, Low Qg, Low Intrinsic Rg High dV/dt, Low trr 38 A, 1000 V, N-CHANNEL, Si, POWER, MOSFET Discrete MOSFETs: HiPerFET Power MOSFETS
|
IXYS, Corp. IXYS[IXYS Corporation]
|